PART |
Description |
Maker |
258669 259892 258933 258932 258935 258937 258936 |
8-/4-Channel, ±12V Multirange Inputs, Serial 16-Bit ADCs 8-/4-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 标志,接 Advanced-Chemistry-Independent, Level-2 Battery Chargers with Input Current Limiting 标志,死亡的危险
|
Maxim Integrated Products, Inc. B&K Precision, Corp.
|
MAX127-MAX128 MAX128 MAX128ACAI MAX128ACNG MAX128A |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface Multirange 5V 12-Bit DAS with 2-Wire Serial Interface Multirange. 5V.12-Bit DAS with 2-Wire Serial Interface Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-15 RoHS Compliant: No 多量程,5V的,12位DAS线串行接
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1270 MAX1270ACAI MAX1270ACNG MAX1270AEAI MAX127 |
Multirange / 5V / 8-Channel / Serial 12-Bit ADCs Multirange 5V 8-Channel Serial 12-Bit ADCs Multirange, 5V, 8-Channel,Serial 12-Bit ADCs Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
MAX1034EUG MAX1035EUP MAX1035 MAX1034 |
8-/4-Channel, 【VREF Multirange Inputs, Serial 14-Bit ADCs
|
MAXIM[Maxim Integrated Products]
|
MAX1033 MAX1032EUG MAX1033EUP MAX1032 |
8-/4-Channel, 【12V Multirange Inputs, Serial 14-Bit ADCs
|
MAXIM[Maxim Integrated Products]
|
AD2033-15 |
MULTIRANGE METER
|
Analog Devices
|
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|